PART |
Description |
Maker |
M59DR008 M59DR008E M59DR008E100N1T M59DR008E100N6T |
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M59DR008E120ZB6T |
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory 8兆位512KB的x16插槽,双行,第低压闪
|
STMicroelectronics N.V.
|
M45PE10 M45PE10-VMP6 M45PE10-VMP6TG M45PE10-VMP6TP |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
STMicroelectronics N.V. 意法半导
|
M459E16VMP6G M459E16VMP6P M459E16VMP6TG M459E16VMP |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
STMicroelectronics
|
M45PE40-V M45PE40-VMF6G M45PE40-VMF6P M45PE40-VMF6 |
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
ST Microelectronics
|
M25PE16 |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
M25PE10-VMN6G M25PE10-VMP6G M25PE10-VMP6P M25PE10- |
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
M25PE80-VMW6G |
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
|
STMicroelectronics http://
|
M25PE80-VMP6T M25PE80-VMW6P M25PE80-VMP6P M25PE80- |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 COIL CHOKE 27MH .50A RADIAL 8兆位,低电压,页面与字节可擦除串行闪存更改性,50MHz的SPI总线,标准品 8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory with Byte-Alterability, 50MHz SPI Bus, Standard Pin-out
|
STMicroelectronics N.V. ST Microelectronics
|
M29W064FB90N3E M29W064FB90N3F M29W064FT |
64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
IS41LV8205-50J IS41LV8205-50JI IS41LV8205-60JI IS4 |
2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc]
|